PART |
Description |
Maker |
2110-AI0025-AQ0120 2110-BQ0025-AQ0120 2111-AQ0025- |
Medium Duty Incremental Rotary Shaft Encoder 中量增量旋转轴角编码
|
Electronic Theatre Controls, Inc.
|
N25 |
Heavy Duty Incremental Rotary Shaft Encoder
|
ETC
|
4421S-AQ0600 4422T-FS0025 4111-AQ0025 4111-AS0025 |
Heavy Duty Incremental Rotary Shaft Encoder
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
VFS60E-TEEK02048 |
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
|
SICK AG
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
EC11B15244 |
11mm size tow-profile rotary encoder (incremental type) for microscopic current circuits
|
ALPS ELECTRIC CO.,LTD.
|
HEDS-5120-A13 HEDT-9100 HEDS-5120-A14 HEDT-9101-I0 |
HEDT-9101#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9100#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9001#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HIGH TEMPERATURE 125 DEGREE CELCIOUS TWO CHANNEL OPTICAL INCREMENTAL ENCODER MODULES ANALOG Replaced PQ025EH02ZPH High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules 高温125℃双通道光学增量编码器模 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
EN11 EN11-VSM1BQ20 EN11-HNB0AF20 EN11-HNB0BF20 EN1 |
ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-RIGHT ANGLE 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT
|
BITECH[Bi technologies] BI TECHNOLOGIES CORP
|
PEC11 PEC11-4115F-S0012 PEC11-4120F-N0024 PEC11-41 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 12 mm Incremental Encoder
|
BOURNS INC Bourns Electronic Solutions
|
CKS36-AFB80010 |
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
|
SICK AG
|
CKS36-AFB40003 |
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
|
SICK AG
|
CFS50-AEV12X03 |
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
|
SICK AG
|